Part Number Hot Search : 
2N2419B 2SA879 MAX1206 1725685 ST16CF54 712VZM AS1112B BA651
Product Description
Full Text Search
 

To Download BTA854W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat854w;bat854aw bat854cw;bat854sw features very low forward voltage very low reverse current guard ring protected very small smd package. absolute maximum ratings ta = 25 parameter symbol conditions min max unit continuous reverse voltage v r 40 v continuous forward current i f 200 ma repetitive peak forward current i frm tp 1s;d 0.5 300 ma non-repetitive peak forward current i fsm t = 8.3 ms half sinewave;jedec method 1 a storage temperature t stg -65 +150 junction temperature t j 150 operating ambient temperature t amb -65 +150 thermal resistance from junction to ambient r th j-a 625 k/w electrical characteristics ta = 25 parameter symbol conditions typ max unit i f = 0.1 ma 200 i f = 1 ma 260 i f = 10 ma 340 i f = 30 ma 420 i f = 100 ma 550 continuous reverse current i r v r = 25 v; note 1 0.5 a diode capacitance c d f=1mhz;v r =1v 20 pf note 1. pulse test: t p 300 s; ? 0.02. mv v f forward voltage marking type BTA854W bat854aw bat854cw bat854sw marking81828384 product specification sales@twtysemi.com 1 of 1 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of BTA854W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X